PART |
Description |
Maker |
51090-1100 51090-1300 51090-0500 51090-0300 |
MI-2 S/R WTB CRMP HSG 11C 510901100 11 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE HOUSING 13 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE 5CKT 2MM W-B CONN RECEPT HOUS 510900300
|
Molex, Inc. MOLEX INC
|
86094488613765E1LF 86093488613H45E1LF 860933286137 |
2mm Hard Metric Contacts and Accessories ( Z-PACK 2mm HM ); 2MM H.M.,B-19 SHROUD 4.9MM ( AMP ) DIN REVERSE RECEPTACLE(ANGLED SPILL DIN41612 STYLE-R/2) 依据DIN反向插座(款式直角溢出DIN41612 - R 2
|
Glenair, Inc.
|
51067-1000 51067-1500 51067-0300 51067-1100 |
10CKT 3.5MM W TO B HOUS 10 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 3.5 W TO B CONN HOUSING 15 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE Multipole Connector; Gender:Female; No. of Contacts:3; Series:51067; Body Material:PBT Polyester; No. of Rows:1; Pitch Spacing:0.138" RoHS Compliant: Yes 3 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 3.5MM WTB HSG 11CKT 510671100 11 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE
|
Molex, Inc.
|
87368-4820 87368-2820 |
CONN RECEPT 48POS 2MM SMD GOLD 48 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE CONN RECEPT 28POS 2MM SMD GOLD
|
Molex, Inc. MOLEX INC
|
5100141-9 |
2mm Hard Metric PCB Mount Connectors ( Z-PACK 2mm HM ); 2MM H.M. TYPE "B" PIN ASSY. ( Tyco Electronics )
|
Tyco Electronics
|
MAX8902A11 MAX8902BATV MAX8902AATA |
Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
|
Maxim Integrated Products Maxim Integrated Produc...
|
MAX8902A08 MAX8902B MAX8902A |
Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
|
Maxim Integrated Produc... Maxim Integrated Products
|
MAX8901A MAX8901AETA MAX8901B MAX8901BETA |
Highest Efficiency Supply for 2 to 6 Series WLEDs in a 2mm x 2mm TDFN Package
|
Maxim Integrated Products
|
MAX8896EREET |
Dual PWM Step-Down Converter in a 2mm x 2mm Package for WCDMA PA and RF Power
|
Maxim Integrated Products
|
MAX8902B MAX8902BATAT |
Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
|
Maxim Integrated Produc...
|
MIC5364-3.3YMT |
High-PSRR, 300mA, μCap LDO in 1.2mm × 1.2mm Thin MLF?
|
Micrel Semiconductor
|
MAX8649EWET |
1.8A Step-Down Regulator with Differential Remote Sense in 2mm x 2mm WLP
|
Maxim Integrated Products
|